Part Number Hot Search : 
SW50N06 NMR102C 15100450 RF205 WJ127 MT9122AP 12025 BC328
Product Description
Full Text Search
 

To Download BDT92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
BDT92
DESCRIPTION *With TO-220C package *Complement to type BDT91 APPLICATIONS *For use in general purpose power amplifier and switching applications
PINNING PIN 1 2 3 Emitter Collector;connected to mounting base Base DESCRIPTION
*
Absolute maximum ratings (Ta=25)
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC25 Open emitter Open base Open collector CONDITIONS VALUE -60 -60 -5 -10 -6 90 150 -55~150 UNIT V V V A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case MAX 1.39 UNIT /W
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
BDT92
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL VCEO(SUS) VCEsat-1 VCEsat-2 VBE ICBO ICEO IEBO hFE-1 hFE-2 fT PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=-100mA; IB=0 IC=-3 A;IB=-0.3 A IC=-10 A;IB=-3.3 A IC=-4A ; VCE=-4V VCB=-60V; IE=0 VCE=-30V; IB=0 VEB=-5V; IC=0 IC=-4A ; VCE=-4V IC=-10A ; VCE=-4V IC=-0.5A ; VCE=-10V 20 5 4 MHz MIN -60 -1.1 -3.0 -1.6 -0.1 -1.0 -1.0 200 TYP. MAX UNIT V V V V mA mA mA
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
BDT92
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of BDT92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X